Part Number Hot Search : 
IL78L08 ARS1009 MX25L32 P4SMA18A 40007 G226M TEGRA B4300
Product Description
Full Text Search
 

To Download PCX1D181MCS1GS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  conductive polymer aluminum solid electrolytic capacitors cx series chip type, high voltage / long life specifications temperature characteristics (max.impedance ratio) category temperature range rated voltage range rated capacitance range capacitance tolerance tangent of loss angle (tan ) esr (1) leakage current ( 2) performance characteristics item 55 to +125? 16 to 50v 5.6 to 390f 20% at 120hz, 20? less than or equal to the specified value at 120hz, 20? less than or equal to the specified value at 100khz, 20? less than or equal to the specified value . after 2 minutes' application of rated voltage at 20? z+125? / z+20? 1.25 (100khz) z 55? / z+20? 1.25 endurance damp heat (steady state) resistance to soldering heat marking the specifications listed at below shall be met when the capacitors are restored to 20? after the rated voltage is applied for 3000 hours ( d = 6.3:1500hours) at 125?. the specifications listed at below shall be met when the capacitors are restored to 20? after the rated voltage is applied for 1000 hours at 60?, 90% rh. after soldering the capacitor under the soldering conditions prescribed here, the capacitor shall meet the specifications listed at right, provided that it's temperature profile is measured at the capacitor top and the terminal. pre-heating shall be done at 150 to 200? and for 60 to 180 sec. the duration for over +230? temperature at capacitor surface shall not exceed 60 seconds. in the case of peak temp, less than 250?, reflow soldering shall be two times maximum. in the case of peak temp, less than 260?, reflow soldering shall be once. measurement for solder temperature profile shall be made at the capacitor top and the terminal. navy blue print on the case top capacitance change tan leakage current ( 2) esr (1) within 20% of initial capacitance value ( 3) 150% or less of the initial specified value 150% or less of the initial specified value less than or equal to the initial specified value capacitance change tan leakage current ( 2) esr (1) within 20% of initial capacitance value ( 3) 150% or less of the initial specified value 150% or less of the initial specified value less than or equal to the initial specified value capacitance change tan leakage current ( 2) esr (1) within 10% of the initial capacitance value ( 3) 130% or less than the initial specified value 130% or less than the initial specified value less than or equal to the initial specified value high reliability, high voltage (to 50v). low esr, high ripple current. long life of 1500 to 3000 hours at 125?. smd type : lead free reflow soldering condition at 260? peak complete correspondence. adapted to the rohs directive (2011/65/eu). 1 esr should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform. 2 conditioning : if any doubt arises, measure the leakage current after the voltage treatment of applying dc rated voltage continuously to the capacitor for 120 minutes at 105?. 3 initial value : the value before test of examination of resistance to soldering. p 1 c 2 x 3 1 4 v 5 3 6 9 7 0 8 m 9 c 10 l 11 1 12 g 13 s 14 configuration taping code size code capacitance tolerance ( 20%) rated capacitance ( 39f ) rated voltage ( 35v ) series name type standard vibration resistance code configuration l s cx 39 v 012 h 0.3 max. d0.5 b 0.2 a 0.2 c 0.2 0.5 max. e l series voltage (v:35v) plastic platform lot no. capacitance negative negative positive positive +0.1 -0.4 standard vibration resistance h 0.3 max. d0.5 b0.2 a0.2 c0.2 0.5 max. e l 0.5 plastic platform aid electrode cx 39 v 012 series voltage (v:35v) lot no. capacitance dimensions type numbering system (example : 35v 39f) dimension table in next page. d l a b c e h 6.3 5.9 7.3 6.6 6.6 2.1 0.5 to 0.8 size 6.3 6l 8.0 6.9 9.0 8.3 8.3 3.2 0.8 to 1.1 8 7l 8.0 9.9 9.0 8.3 8.3 3.2 0.8 to 1.1 8 10l 8.0 11.9 9.0 8.3 8.3 3.2 0.8 to 1.1 8 12l 10.0 7.9 11.0 10.3 10.3 4.6 0.8 to 1.1 10 8l 10.0 9.9 11.0 10.3 10.3 4.6 0.8 to 1.1 10 10l 10.0 12.6 11.0 10.3 10.3 4.6 0.8 to 1.1 10 12.7l 6.3 7.9 7.3 6.6 6.6 2.1 0.5 to 0.8 6.3 8l (mm) code c v 16 d 20 e 25 v 35 h 50 voltage standard d l a b c e h size 8.0 7.0 9.0 8.3 8.3 2.5 0.8 to 1.1 8 7.5l 8.0 10.0 9.0 8.3 8.3 3.1 1.1 to 1.5 8 10.5l 10.0 10.0 11.0 10.3 10.3 4.6 1.1 to 1.5 10 10.5l 6.3 7.5 7.3 6.6 6.6 2.5 0.5 to 0.8 6.3 8l (mm) vibration resistance cx cv higher temperature higher capacitance cr cat.8100c
conductive polymer aluminum solid electrolytic capacitors cx series standard ratings rated voltage (v)(code) surge voltage (v) esr (m?) (at 100khz 20 { c) rated ripple(marms) rated capacitance (f) case size d l (mm) tan part number leakage current (a) ambient temperature of a capacitor pcx1c470mcl1gs pcx1c820mcl1gs pcx1c820mcs1gs pcx1c101mcl1gs pcx1c101mcs1gs pcx1c151mcl6gs pcx1c151mcs1gs pcx1c151mcl1gs pcx1c221mcl1gs pcx1c271mcl1gs pcx1c271mcs1gs pcx1c391mcl1gs pcx1d330mcl1gs pcx1d560mcl1gs pcx1d560mcs1gs pcx1d680mcl1gs pcx1d680mcs1gs pcx1d121mcl6gs pcx1d121mcs1gs pcx1d121mcl1gs pcx1d151mcl1gs pcx1d181mcl1gs PCX1D181MCS1GS pcx1d271mcl1gs pcx1e220mcl1gs pcx1e390mcl1gs pcx1e390mcs1gs pcx1e560mcl1gs pcx1e560mcs1gs pcx1e820mcl6gs pcx1e820mcs1gs pcx1e820mcl1gs pcx1e121mcl6gs pcx1e121mcl1gs pcx1e121mcs1gs pcx1e181mcl1gs pcx1v100mcl1gs pcx1v180mcl1gs pcx1v180mcs1gs pcx1v270mcl1gs pcx1v270mcs1gs pcx1v390mcl6gs pcx1v390mcs1gs pcx1v390mcl1gs pcx1v560mcl1gs pcx1v680mcl1gs pcx1v680mcs1gs pcx1v101mcs1gs pcx1v101mcl1gs pcx1h5r6mcl1gs pcx1h100mcl1gs pcx1h100mcs1gs pcx1h120mcl1gs pcx1h120mcs1gs pcx1h220mcl6gs pcx1h220mcs1gs pcx1h220mcl1gs pcx1h270mcl1gs pcx1h330mcl1gs pcx1h330mcs1gs pcx1h470mcl1gs 1000 1300 1300 1500 1500 2000 2000 1900 2300 2300 2300 2700 900 1300 1300 1450 1450 1900 1900 1800 2200 2300 2300 2700 900 1200 1200 1400 1400 1900 1900 1800 2200 2200 2200 2600 800 1100 1100 1300 1300 1800 1800 1700 2000 2200 2200 2400 2600 700 1000 1000 1100 1100 1700 1700 1400 2000 2200 2200 2500 390 530 530 460 460 780 780 830 870 830 830 1040 380 500 500 470 470 770 770 810 860 800 800 1020 360 480 480 450 450 760 760 800 850 790 790 1010 310 450 450 450 450 700 700 750 780 740 740 800 990 280 410 410 380 380 680 680 730 760 630 630 970 55 45 45 33 33 28 28 33 27 27 27 26 60 50 50 34 34 29 29 35 28 28 28 27 65 55 55 35 35 30 30 36 29 29 29 28 85 60 60 45 45 35 35 41 33 30 30 25 29 105 75 75 65 65 37 37 56 35 31 31 30 150 262 262 320 320 480 480 480 704 864 864 1248 132 224 224 272 272 480 480 480 600 720 720 1080 110 195 195 280 280 410 410 410 600 600 600 900 70 126 126 189 189 273 273 273 392 476 476 700 700 56 100 100 120 120 220 220 220 270 330 330 470 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 6.3 6 8 7 8 7.5 6.3 8 6.3 8 8 10 8 10.5 10 8 8 12 10 10 10 10.5 10 12.7 6.3 6 8 7 8 7.5 6.3 8 6.3 8 8 10 8 10.5 10 8 8 12 10 10 10 10.5 10 12.7 6.3 6 8 7 8 7.5 6.3 8 6.3 8 8 10 8 10.5 10 8 8 12 10 10 10 10.5 10 12.7 6.3 6 8 7 8 7.5 6.3 8 6.3 8 8 10 8 10.5 10 8 8 12 10 10 10 10.5 10 10.5 10 12.7 6.3 6 y8 7 8 7.5 6.3 8 6.3 8 8 10 8 10.5 10 8 8 12 10 10 10 10.5 10 12.7 47 82 82 100 100 150 150 150 220 270 270 390 33 56 56 68 68 120 120 120 150 180 180 270 22 39 39 56 56 82 82 82 120 120 120 180 10 18 18 27 27 39 39 39 56 68 68 100 100 5.6 10 10 12 12 22 22 22 27 33 33 47 23.0 28.7 40.2 57.5 18.4 16 ( 1c ) 20 ( 1d ) 25 ( 1e ) 35 ( 1v ) 50 ( 1h ) no marked, will be put at 12th digit of type numbering system. 1 rated ripple current (marms) at 105 c 100khz : in this case, will be put at 12th digit of type numbering system. 6 taping specifications are given in page 23. recommended land size, soldering by reflow are given in page 18, 19. please refer to page 3 for the minimum order quantity. cat.8100c


▲Up To Search▲   

 
Price & Availability of PCX1D181MCS1GS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X